Part Number Hot Search : 
473ML EPF8104S PVC401 RTC6691 CMLTA44 2SB14 8TQ100 MT093AP
Product Description
Full Text Search
 

To Download FS-410-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET ION PUMP HIGH VOLTAGE CABLE PART NUMBER: FS-410-10
FS-410-10 Ion Pump High Voltage Cable
The FS-410-10 is one of a family of new, improved ion pump high voltage cables from Duniway Stockroom Corporation. These cables incorporate a custom-made coaxial design which features: * 15 KV voltage rating * Coaxial insulation and cover insulation feature Tefzel(R) material, which combines: o Superior mechanical toughness o Outstanding chemical inertness o High-energy radiation resistance. o Bakeable: Rated for continuous exposure at 200C (400F) * Separate ground-sense-interlock wire for safety * Standard 10 foot length * Kings 10KV controller connector * Fischer-style ion pump connector with built-in low voltage safety interlock
FS-105-X High Voltage Ion Pump Connector A = 60 mm (2.36 in), B = 15 mm (0.59 in), Body O.D. = 18 mm (0.71 in) Custom lengths, a variety of controller connectors/ion pump connectors are also available.
Tefzel is a registered trademark of E.I. Dupont de Nemours & Co., Inc.
1305 Space Park Way, Mountain View, CA 94043 Phone: 650-969-8811 Toll-Free: 1-800-446-8811 www.duniway.com


▲Up To Search▲   

 
Price & Availability of FS-410-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X